Part Number Hot Search : 
PI3B3244 BCM857DS NCP5005 K15N60 AON7210 UPA68 TMEGA32 1N5232B
Product Description
Full Text Search
 

To Download BUK9775-55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
TrenchMOSTM transistor Logic level FET
GENERAL DESCRIPTION
N-channel enhancement mode logic level field-effect power transistor in a plastic full-pack envelope using 'trench' technology. The device features very low on-state resistance and has integral zener diodes giving ESD protection up to 2kV. It is intended for use in automotive and general purpose switching applications.
BUK9775-55
QUICK REFERENCE DATA
SYMBOL VDS ID Ptot Tj RDS(ON) PARAMETER Drain-source voltage Drain current (DC) Total power dissipation Junction temperature Drain-source on-state resistance VGS = 5 V MAX. 55 11.7 19 150 75 UNIT V A W C m
PINNING - SOT186A
PIN 1 2 3 gate drain source DESCRIPTION
PIN CONFIGURATION
case
SYMBOL
d
g s
case isolated
123
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL VDS VDGR VGS ID ID IDM Ptot Tstg, Tj PARAMETER Drain-source voltage Drain-gate voltage Gate-source voltage Drain current (DC) Drain current (DC) Drain current (pulse peak value) Total power dissipation Storage & operating temperature CONDITIONS RGS = 20 k Tmb = 25 C Tmb = 100 C Tmb = 25 C Tmb = 25 C MIN. - 55 MAX. 55 55 10 11.7 7.4 47 19 150 UNIT V V V A A A W C
ESD LIMITING VALUE
SYMBOL VC PARAMETER Electrostatic discharge capacitor voltage, all pins CONDITIONS Human body model (100 pF, 1.5 k) MIN. MAX. 2 UNIT kV
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER Thermal resistance junction to heatsink Thermal resistance junction to ambient CONDITIONS with heatsink compound in free air TYP. 55 MAX. 6.5 UNIT K/W K/W
April 1998
1
Rev 1.000
Philips Semiconductors
Product specification
TrenchMOSTM transistor Logic level FET
STATIC CHARACTERISTICS
Tj= 25C unless otherwise specified SYMBOL V(BR)DSS VGS(TO) IDSS IGSS V(BR)GSS RDS(ON) PARAMETER Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current Gate source leakage current Gate-source breakdown voltage Drain-source on-state resistance CONDITIONS VGS = 0 V; ID = 0.25 mA; Tj = -55C VDS = VGS; ID = 1 mA Tj = 150C Tj = -55C VDS = 55 V; VGS = 0 V; VGS = 5 V; VDS = 0 V IG = 1 mA; VGS = 5 V; ID = 7 A Tj = 150C Tj = 150C Tj = 150C MIN. 55 50 1 0.6 10 TYP. 1.5 0.05 0.02 58 -
BUK9775-55
MAX. 2 2.3 10 100 1 5 75 139
UNIT V V V V V A A A A V m m
DYNAMIC CHARACTERISTICS
Tmb = 25C unless otherwise specified SYMBOL gfs Ciss Coss Crss td on tr td off tf Ld Ls PARAMETER Forward transconductance Input capacitance Output capacitance Feedback capacitance Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal source inductance CONDITIONS VDS = 25 V; ID = 10 A VGS = 0 V; VDS = 25 V; f = 1 MHz MIN. 5 TYP. 10 500 110 60 10 47 28 33 4.5 7.5 MAX. 650 135 85 15 70 40 45 UNIT S pF pF pF ns ns ns ns nH nH
VDD = 30 V; ID = 10 A; VGS = 5 V; RG = 10 Resistive load Measured from drain lead 6 mm from package to centre of die Measured from source lead 6 mm from package to source bond pad
ISOLATION LIMITING VALUE AND CHARACTERISTICS
Tj = 25C unless otherwise specified SYMBOL VISOL PARAMETER CONDITIONS MIN. TYP. MAX. 2500 UNIT V R.M.S isolation voltage from all f = 50-60Hz; sinusoidal waveform; three terminals to external R.H.65% clean & dustfree heatsink Capacitance from T2 to external heatsink f = 1 MHZ
CISOL
-
10
-
pF
April 1998
2
Rev 1.000
Philips Semiconductors
Product specification
TrenchMOSTM transistor Logic level FET
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
Tj = 25C unless otherwise specified SYMBOL IDR IDRM VSD trr Qrr PARAMETER Continuous reverse drain current Pulsed reverse drain current Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS MIN. IF = 11.7 A; VGS = 0 V IF = 11.7 A; -dIF/dt = 100 A/s; VGS = -10 V; VR = 30 V TYP. 0.95 32 0.12
BUK9775-55
MAX. 11.7 47 1.2 -
UNIT A A V ns C
AVALANCHE LIMITING VALUE
SYMBOL WDSS PARAMETER Drain-source non-repetitive unclamped inductive turn-off energy CONDITIONS ID = 10 A; VDD 25 V; VGS = 5 V; RGS = 50 ; Tmb = 25 C MIN. TYP. MAX. 30 UNIT mJ
April 1998
3
Rev 1.000
Philips Semiconductors
Product specification
TrenchMOSTM transistor Logic level FET
BUK9775-55
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
10
Zth/ (K/W)
0.5 0.2 1 0.1 0.05 0.02 0.1 0 T t P D tp D = tp T
0
20
40
60
80 100 Tmb / C
120
140
0.01
1.0E-06
0.0001
0.01 t/s
1
100
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tmb)
ID% Normalised Current Derating
50 ID/A 40
Fig.4. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T
120 110 100 90 80 70 60 50 40 30 20 10 0
10.0
8.0
VGS/V = 6.0 5.4 5.0 4.8 4.6 4.4 4.2 4.0 3.8 3.6 3.4 3.2 3.0 2.8 2.6 2.4 2.2 10 2.0
30
20
10
0
20
40
60
80 Tmb / C
100
120
140
0
0
2
4
VDS/V 6
8
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tmb); conditions: VGS 5 V
100 ID/A tp = RDS(ON) = VDS/ID 1 uS 10 10 uS 100uS 1 DC 1 mS 10 mS 100 mS
Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS
RDS(ON)/mOhm VGS/V = 85 80 75 70 65 60 55 4 4.2 4.4 4.6 4.8 5
90
0.1
1
10
VDS/V
100
5
10
15
ID/A
20
25
Fig.3. Safe operating area. Tmb = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp
Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID); parameter VGS
April 1998
4
Rev 1.000
Philips Semiconductors
Product specification
TrenchMOSTM transistor Logic level FET
BUK9775-55
25 ID/A 20
2.5
VGS(TO) / V max.
BUK98xx-55
2 typ.
15
1.5 min.
10
1
5 Tj/C = 0 0 1 150 2 25 VGS/V 3 4 5
0.5
0 -100
-50
0
50 Tj / C
100
150
200
Fig.7. Typical transfer characteristics. ID = f(VGS) ; conditions: VDS = 25 V; parameter Tj
Transconductance, gfs (S)
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
Sub-Threshold Conduction
15 14 13 12 11 10 9 8 7 6 5
1E-01
1E-02 2% typ 98%
1E-03
1E-04
1E-05
0 5 10 15 Drain current, ID (A) 20 25
1E-05
0
0.5
1
1.5
2
2.5
3
Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID); conditions: VDS = 25 V
Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS
1 .9 .8
2.5
a
BUK98XX-55
Rds(on) normalised to 25degC
Thousands pF
2
.7 .6 .5 .4 Ciss
1.5
1
.3 .2 .1
0.5 -100
Coss Crss 0.1 1 VDS/V 10 100
-50
0
50 Tmb / degC
100
150
200
0 0.01
Fig.9. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj); ID = 10 A; VGS = 5 V
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
April 1998
5
Rev 1.000
Philips Semiconductors
Product specification
TrenchMOSTM transistor Logic level FET
BUK9775-55
6 VGS/V 5 VDS = 14V 4 VDS = 44V
120 110 100 90 80 70 60 50 40 30 20 10 0
0 2 4 6 8 10 12
WDSS%
3
2
1
0
20
40
60
QG/nC
80 100 Tmb / C
120
140
Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG); conditions: ID = 20 A; parameter VDS
100 IF/A 80
Fig.15. Normalised avalanche energy rating. WDSS% = f(Tmb); conditions: ID = 17 A
+
L VDS
VDD
60 Tj/C = 40 150 25
VGS 0 RGS T.U.T.
-ID/100
20
R 01 shunt
0
0
0.5
VSDS/V
1
1.5
Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.16. Avalanche energy test circuit. 2 WDSS = 0.5 LID BVDSS /(BVDSS - VDD )
+
RD VDS VGS 0 RG T.U.T.
VDD
-
Fig.17. Switching test circuit.
April 1998
6
Rev 1.000
Philips Semiconductors
Product specification
TrenchMOSTM transistor Logic level FET
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
10.3 max 3.2 3.0
BUK9775-55
4.6 max 2.9 max
Recesses (2x) 2.5 0.8 max. depth
2.8 6.4 15.8 19 max. max. seating plane 15.8 max
3 max. not tinned 3 2.5 13.5 min. 1 0.4
M
2
3 1.0 (2x) 0.6 2.54 0.5 2.5 1.3 0.9 0.7
5.08
Fig.18. SOT186A; The seating plane is electrically isolated from all terminals.
Notes 1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent damage to MOS gate oxide. 2. Refer to mounting instructions for F-pack envelopes. 3. Epoxy meets UL94 V0 at 1/8".
April 1998
7
Rev 1.000
Philips Semiconductors
Product specification
TrenchMOSTM transistor Logic level FET
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
BUK9775-55
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1998 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
April 1998
8
Rev 1.000


▲Up To Search▲   

 
Price & Availability of BUK9775-55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X